Part Number Hot Search : 
8201XA SB860 561KD10 SN741 30100 IN145408 87832 AWT62
Product Description
Full Text Search
 

To Download TMCGG6SP0040W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K TM Series Miniature Snap-acting Switches
Features/Benefits * High electrical life up to 15 AMPS * Broad range of operating forces available * Wide variety of actuator and terminal styles * Cost-effective solution Typical Applications * Pumps and motors * White goods * Consumer appliances
Specifications
CONTACT RATING: From low level* to 15 AMPS @ 250 V AC. ELECTRICAL LIFE: 150,000 cycles at 15 AMPS @ 250 V AC, models with 150 grams operating force. 350,000 cycles at 10 AMPS @ 250 V AC, models with 75 grams operating force. INSULATION RESISTANCE: 1,000 M o h m min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -67F to 302F (-55C to 150C). OPERATING FORCE: 50, 75 and 150 grams at actuator available; refer to chart for lever style forces. MOUNTING: Torque screws 2-5 in/lbs.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max.
Materials
SWITCH HOUSING: Thermoplastic or general purpose phenolic (UL 94V-0). ACTUATOR BUTTON: Thermoplastic (UL 94V-0). SPRING: Copper alloy. PIVOT: Brass alloy. MOVABLE CONTACTS: Gold alloy for ratings 1 AMP @ 125 V AC or less. Fine silver for ratings greater than 1 AMP @ 125 V AC. STATIONARY CONTACTS: Gold alloy for ratings 1 AMP or less. Fine silver for ratings greater than 1 AMP. TERMINALS: Brass alloy for ratings up to 10 AMPS @ 250 V AC. Copper alloy for 15 AMPS @ 250 V AC ratings.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
K Snap-acting
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages K-12 through K-16. For additional options not shown in catalog, consult Customer Service Center. Available extended electrical life per UL 1054, rated for 100,000 operations, consult factory.
TM Series TM SP, Mom. Operating Force CG 2.65 oz./75 grams CJ 5.29 oz.,/150 grams CF 1.76 oz./50 grams Electrical Rating D6 1O A @ 125 & 250 V AC; 1/3 HP @ 125 & 25O V AC;1/2 A @ 125 V DC; 1/4 A @ 250 V DC G6 15 A @ 125 & 250 V AC; 1/4 A @ 250 V DC; 1/2 A @ 125 V DC; 1/2 HP @ 125 & 250 V AC; 3 A @ 125 V AC "L" F5 1 A @ 125 V AC; 1 A @ 30 V DC H3 5 A @ 250 V AC; 1/6 HP @ 125 & 25O V AC
Mounting Style S Standard V Metric Actuator P00 Pin plunger A10 .81" lever roller, high force A15 1.34" lever roller, high force A20 1.02" lever roller, low force A25 1.56" lever roller, low force T10 .84" lever, high force T13 1.34" simulated roller, high force T14 1.29" simulated roller, high force T15 1.40" lever, high force T16 2.34" lever, high force T17 2.00" lever, high force T18 2.75" lever, high force T20 1.06" lever, low force T23 1.56" simulated roller, low force T24 1.50" simulated roller, low force T25 1.62" lever, low force T26 2.56" lever, low force T27 2.22" lever, low force T28 2.97" lever, low force
Terminations 40 .187" quick connect 10 Solder 4A .250" quick connect 60 Screw Circuitry C SPDT W SPST N.C. Y SPST N.O.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-11
www.ittcannon.com
C&K TM Series Miniature Snap-acting Switches
SERIES
TM
MINIATURE SNAP-ACTING SWITCHES - SP MOMENTARY
K Snap-acting
OPERATING FORCE
BASIC SWITCH OPERATING FORCE (OZ./GRAMS) 2.65 75 5.29 150 1.76 50
OPTION CODE
CG CJ CF
Operating Force option `CF' not available with `T18, T27 and T28' actuator options. Operating force varies with actuator option, see ACTUATOR option section.
ELECTRICAL RATING
CONTACT MATERIAL OPTION CODE RoHS COMPLIANT * Yes Yes Yes Yes RoHS COMPATIBLE * Yes Yes Yes Fine Silver Fine Silver Yes MOVABLE CONTACT Fine Silver Gold alloy STATIONARY CONTACT Fine Silver Gold alloy ELECTRICAL RATING 10 AMPS @ 125 & 250 V AC; 1/3 HP @ 125 & 250 V AC; 1/2 AMP @ 125 V DC; 1/4 AMP @ 250 V DC. From low level* to 1 AMP @ 125 V AC, 1 AMP @ 30 V DC. 15 AMPS @ 125 & 250 V AC; 0.25 AMP @ 250 V DC; 0.5 AMP @ 125 V DC; 1/2 HP @ 125 & 250 V AC; 3 AMPS @ 125 V AC "L". 5 AMPS @ 250 V AC; 1/6 HP @ 125 & 250 V AC.
D6 F5 G6 H3
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. All models with all options. * Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max.
Contact Customer Service Center for availability and delivery of nonstandard ratings.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-12
www.ittcannon.com
C&K TM Series Miniature Snap-acting Switches
ELECTRICAL RATING
AVAILABLE COMBINATIONS
MAXIMUM OPERATING FORCE (OZ./GRAMS) ELECTRICAL RATING D6 F5 G6 H3 1.76/50 CF 2.65/75 CG 5.29/150 CJ
* * x *
* * x *
* * * * * AVAILABLE x NOT AVAILABLE
All models
with all options.
Contact Customer Service Center for availability and delivery of nonstandard ratings.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max.
MOUNTING STYLE
S
Standard
K
V
Metric
Snap-acting
Recommended maximum screw size: 4-40.
Recommended maximum screw size: 3 mm.
NOTE: Torque mounting screws 2-5 in/lbs.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-13
www.ittcannon.com
C&K TM Series Miniature Snap-acting Switches
ACTUATOR
A
OPTION CODE FIG. 2 1 1 1 1 3 4 4 3 3 3 3 3 4 4 3 3 3 3 DIM. A .80 (20,3) .81 (20,6) 1.34 (34,0) 1.03 (26,2) 1.56 (39,6) .84 (21,3) 1.34 (34,0) 1.29 (32,8) 1.40 (35,6) 2.34 (59,4) 2.00 (50,8) 2.75 (69,9) 1.06 (26,9) 1.56 (39,6) 1.50 (38,1) 1.62 (41,1) 2.56 (65,0) 2.22 (56,4) 2.97 (75,4) DIM. B -- .36 (9,1) .36 (9,1) .58 (14,7) .58 (14,7) .36 (9,1) .36 (9,1) .36 (9,1) .36 (9,1) .36 (9,1) .36 (9,1) .36 (9,1) .58 (14,7) .58 (14,7) .58 (14,7) .58 (14,7) .56 (14,7) .58 (14,7) .58 (14,7) DIM. C .578 .015 (14,68 0,38) .810 .020 (20,57 0,51) .810 .040 (20,57 1,02) .810 .050 (20,57 1,27) .810 .080 (20,57 2,03) .600 .020 (15,24 0,51) .810 .040 (20,57 1,02) .740 .050 (18,8 1,3) .600 .040 (15,24 1,02) .600 .062 (15,24 1,57) .600 .052 (15,24 1,57) .600 .093 (15,24 2,36) .600 .045 (15,24 1,14) .810 .065 (20,57 1,65) .740 .090 (18,80 2,29) .600 .080 (15,24 2,03) .600.125 (15,243.18) .600.125 (15,243.18) .600.187 (15,244.75) DIM. D -- .19 dia. (4,8O) .19 dia. (4,8O) .19 dia. (4,8O) .19 dia. (4,8O) -- .19 dia. (4,8O) .25 dia. (6,4O) -- -- -- -- -- .19 dia. (4,8O) .25 dia. (6,4O) --
D A
B
P00 A10 A15 A20 A25 T10 T13 T14 T15 T16
C C
FIG. 1 Lever Roller A B
FIG. 2 Pin Roller
C
K Snap-acting
T17 T18 T20 T23 T24 T25 T26 T27 T28
FIG. 3 Lever
A B
D
C
-- -- --
FIG. 4 Simulated Roller
HIGH FORCE, LOW MOTION PIVOT POSITION
LOW FORCE, HIGH MOTION PIVOT POSITION
Available with actuators A10, A15, T10, T13, T14, T15, T16, T17 and T18.
Available with actuators A20, A25, T20, T23, T24, T25, T26, T27 and T28.
NOTE: Lever actuator options are available in either of two pivot positions. Levers located in the forward pivot position have lower forces and higher motions. Levers located in the rear pivot position have higher forces and lower motions.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-14
www.ittcannon.com
C&K TM Series Miniature Snap-acting Switches
ACTUATOR
SWITCH CHARACTERISTICS
MAXIMUM OPERATING FORCE (OZ./GRAMS) OPTION CODE T10 T13 T13 T15 T16 T17 T18 T20 T23 T24 T25 T26 T27 T28 CF (50) 2.12 60 1.06 30 1.06 30 1.06 30 .53 15 .71 20 N/A 1.06 30 .53 15 .53 15 .71 20 N/A N/A N/A 2.12 60 1.06 30 1.06 30 .53 15 1.76 50 CG (75) 3.17 90 1.59 45 1.76 50 1.59 45 .71 20 .88 25 .71 20 1.59 45 1.06 30 1.23 35 1.06 30 .35 10 .60 17 .42 12 3.17 90 1.59 45 1.76 50 1.06 30 2.65 75 CJ (150) 6.35 180 2.82 80 3.17 90 2.28 80 1.41 40 1.76 50 1.23 35 3.17 90 1.59 45 1.76 50 1.41 40 .71 20 .88 25 .63 18 6.35 180 2.82 80 3.17 90 1.59 45 5.29 150 MINIMUM RELEASE FORCE (OZ./GRAMS) CF (50) .49 14 .21 6 .25 7 .21 6 .11 3 .14 4 N/A .21 6 .11 3 .11 3 .07 2 N/A N/A N/A .49 14 .21 6 .25 7 .11 3 .71 20 CG (75) .99 28 .35 10 .35 10 .32 9 .18 5 .21 6 .14 4 .32 9 .18 5 .18 5 .14 4 .07 2 .11 3 .07 2 .99 28 .35 10 .35 10 .18 5 .99 28 CJ (150) 1.69 48 .71 20 .71 20 .71 20 .35 10 .42 12 .28 8 .71 20 .35 10 .35 10 .32 9 .18 5 .21 6 .14 4 1.69 48 .71 20 .71 20 .35 10 2.12 60 MINIMUM RETURN FORCE (OZ./GRAMS) CF (50) .25 7 .11 3 .11 3 .11 3 .05 1.5 .07 2 N/A .11 3 .04 1 .05 1.5 .04 1 N/A CG (75) .53 15 .14 4 .14 4 .14 4 .07 2 .07 2 .04 1 .18 5 .07 2 .07 2 .07 2 .04 1 .04 1 .04 1 .53 15 .14 4 .18 5 .07 2 .53 15 CJ (150) 1.06 30 .35 10 .35 10 .35 10 .18 5 .21 6 .14 4 .35 10 .18 5 .18 5 .16 4.5 .07 2 .11 3 .07 2 1.06 30 .35 10 .35 10 .18 5 1.06 30 MAXIMUM DIFFERENTIAL TRAVEL ALL FORCES .013 (0,33) .030 (0,76) .050 (1,27) .032 (0,81) .090 (2,29) .062 (1,57) .078 (1,98) .030 (0,76) .070 (1,78) .080 (2,03) .070 (1,78) .110 (2,79) .125 (3,18) .187 (4,75) .013 (0,33) .030 (0,76) .025 (0,64) .070 (1,78) .013 (0,33) MAXIMUM PRETRAVEL ALL FORCES .080 (2,03) .160 (4,06) .140 (3,56) .160 (4,06) .312 (7,92) .220 (5,59) .375 (9,52) .160 (4,06) .312 (7,92) .312 (7,92) .330 (8,38) .500 (12,7) .500 (12,70) .750 (19,05) .070 (1,78) .160 (4,06) .140 (3,56) .312 (7,92) .056 (1,42) MINIMUM OVERTRAVEL ALL FORCES .035 (0,89) .065 (1,65) .062 (1,57) .075 (1,90) .140 (3,56) .110 (2,79) .160 (4,06) .065 (1,65) .125 (3,18) .110 (2,79) .100 (2,54) .250 (6,35) .200 (5,08) .280 (7,11) .035 (0,89) .065 (1,65) .060 (1,52) .125 (3,18) .035 (0,89)
K Snap-acting
N/A N/A .25 7 .11 3 .11 3 .04 1 .35 10
A10 A15 A20 A25
P00
NOTE: For basic switch operating forces, see page K-12.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-15
www.ittcannon.com
C&K TM Series Miniature Snap-acting Switches
TERMINATIONS
40
.187" QUICK CONNECT
60
SCREW TERMINALS
Not available with `F5' rating option.
10
SOLDER
4A
.250" QUICK CONNECT
K Snap-acting
Not available with `F5' rating option.
Not available with `F5' rating option.
CIRCUITRY
C W Y
SPDT (Single Pole, Double Throw) SPST N.C. (Single Pole, Single Throw, Normally Closed) SPST N.O. (Single Pole, Single Throw, Normally Open)
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-16
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of TMCGG6SP0040W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X